Part Number Hot Search : 
BR30100 FOD817AW GPM55B SL431 CE58A BAV19 CONDUCT T311016
Product Description
Full Text Search
 

To Download 12H1601-2R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H Series
50 Watt DC-DC Converters
Wide input voltage ranges up to 60 V DC 1, 2 or 3 outputs up to 48 V DC 4 kA DC I/O electric strengh test voltage
LGA
* Rugged electrical and mechanical design * Output 1 regulated, outputs 2 and 3 tracking * Operating ambient temperature range -25...71C with convection cooling
Selection chart
Output 1 Uo nom Io nom [V DC] [A] 5.1 8 5.1 8 5.1 8 12 4 12 4 12 4 15 3.4 15 3.4 15 3.4 24 2 24 2 24 2 48 1 48 1 48 1 12 2 12 2 12 2 15 1.7 15 1.7 15 1.7 5.1 5 5.1 5 5.1 5 5.1 5 5.1 5 5.1 5 Output 2 Uo nom Io nom [V DC] [A] 12 2 12 2 12 2 15 1.7 15 1.7 15 1.7 12 0.7 12 0.7 12 0.7 15 0.6 15 0.6 15 0.6 Output 3 Uo nom Io nom [V DC] [A] 12 0.7 12 0.7 12 0.7 15 0.6 15 0.6 15 0.6 Input voltage Ui [V DC] 8...15 14...30 28...60 8...15 14...30 28...60 8...15 14...30 28...60 8...15 14...30 28...60 9...15 18...30 36...60 8...15 14...30 28...60 8...15 14...30 28...60 8...15 14...30 28...60 8...15 14...30 28...60 Type Options
12 H1001-2R 24 H1001-2R 48 H1001-2R 12 H1301-2R 24 H1301-2R 48 H1301-2R 12 H1501-2R 24 H1501-2R 48 H1501-2R 12 H1601-2R 24 H1601-2R 48 H1601-2R 12 H1901-2R 24 H1901-2R 48 H1901-2R 12 H2320-2 24 H2320-2 48 H2320-2 12 H2540-2 24 H2540-2 48 H2540-2 12 H3020-2 24 H3020-2 48 H3020-2 12 H3040-2 24 H3040-2 48 H3040-2
-7, D, V -7, D, V -7, D, V -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D -7, D, V -7, D, V -7, D, V -7, D, V -7, D, V -7, D, V
2/12.2000
www.power-one.com
1
Cassette Style
Input
Input voltage refer to selection chart
H Series
Output
Efficiency Output voltage 1 setting acc. Output voltage 2, 3 setting acc. Output voltage switching noise Line regulation Load regulation output 1 Load regulation output 2, 3 Output voltage 2, 3 Cross load regulation outp. 2, 3 Minimum output current Current limitation main output Current limitation aux. output(s) Operation in parallel Hold-up time
Ui nom, Io nom Ui nom, Io nom Ui nom, Io nom IEC/EN 61204, total Ui min....Ui max, Io nom Ui nom, 0...Io1 nom 10...100% Io2,3 nom Ui nom, Io1 nom, Io2,3 = 0 0...100% Io1 nom not required rectangular U/I characteristic rectangular U/I characteristic by current limitation Ui nom, Io nom, with ext. diode in input line
up to 86% 2% Uo1 nom 7.5% Uo2,3 nom typ. 200 mVpp typ. 1% Uo nom typ. 0.2% Uo1 nom typ. 0.7 V max. 115% Uo2,3 nom typ. 0.7 V 0A typ. 110% Io nom typ. 120% Io nom up to 1 ms
Protection
Input reverse polarity Input undervoltage lockout Input overvoltage lockout Input transient protection Output Output overvoltage Overtemperature with external fuse typ 80% Ui min typ 110% Ui max suppressor diode no-load, overload g2d short circuit proof suppressor diode in each output switch-off with auto restart
typ 150% Uo nom TC typ 100C
Control
Output voltage adjustment Inhibit Status indication single output models 0...110% Uo1 nom TTL input, output(s) disabled if left open-circuit LEDs: OK, inhibit
Safety
Approvals Class of equipment Protection degree Electric strength test voltage EN 60950, UL 1950, CSA C22.2 No. 950 units without options I/case I/O O/case O/O class I IP 40 2 kV AC 4 kV AC 1 kV AC 0.2 kV AC
2/12.2000
www.power-one.com
2
H Series
EMC
Electrostatic discharge Electromagnetic field Electr. fast transients/bursts Surge Electromagnetic emissions
50 Watt DC-DC Converters
IEC/EN 61000-4-2, contact discharge, level 2 (4 kV) criterion A IEC/EN 61000-4-3, level x (20 V/m) criterion A IEC/EN 61000-4-4, input, level 1 (0.5 kV) criterion A IEC/EN 61000-4-5, input, level 1 (0.5 kV) criterion A CISPR 22/EN 55022, 12H, conducted class A CISPR 22/EN 55022, 12H, radiated class B CISPR 22/EN 55022, 24H, 48H, radiated and conducted class B
Environmental
Operating ambient temperature Operating case temperature TC Storage temperature Damp heat Vibration, sinusoidal Shock Bump MTBF
Ui nom, Io nom, convection cooled Ui nom, Io nom non operational IEC/EN 60068-2-3, 93%, 40C IEC/EN 60068-2-6, 10...60/60...150 Hz IEC/EN 60068-2-27, 11 ms IEC/EN 60068-2-29, 16 ms MIL-HDBK-217E, GB, 40C, single output types
-10...50 C -10...80 C -25...100 C 21 days 0.15 mm/2 gn 15 gn 10 gn 384'000 h
Options
Extended temperature range -25...71C, ambient, operating Input and/or output undervoltage monitoring, excludes option V Input and/or output undervoltage monitoring (VME), excludes option D -7 D1...D8 V2, V3
Accessories
Front panels 19" (Schroff/Intermas) Mating H11 connectors with screw, solder, fast-on or press-fit terminals Connector retention facilities and code key system for connector coding Flexible PCB for connecting the converter via an H11 connector, if mounted on a PCB Chassis or wall mounting plates for frontal access Universal mounting brackets for chassis or DIN-rail mounting
Pin allocation
Pin 2 5 8 11 14 17 14 17 20 23 26 29 32 Electrical Determination Inhibit control input Save Data or ACFAIL Output voltage (positive) Output voltage (negative) Control input + Control input - Output voltage (positive) Output voltage (negative) Output voltage (positive) Output voltage (negative) Protective earthing DC input voltage DC input voltage H1000 i D or V Vo1+ Vo1- R G H2000 i D or V H3000 i D or V Vo3+ Vo3-
Vo1+ Vo1- Vi+ Vi-
Vo2+ Vo2- Vo1+ Vo1- Vi+ Vi-
Vo2+ Vo2- Vo1+ Vo1- Vi+ Vi- 2/12.2000
www.power-one.com
3
Cassette Style
Mechanical data
Tolerances 0.3 mm (0.012") unless otherwise indicated.
2 5 8 11 14 17 20 23 26 29 32
S09050
H Series
European Projection
20 (0.79")
2TE
6TE
M 3; depth = 4 mm (chassis mount)
168.5 (6.63")
173.7 (6.84")
127 (5")
22 (0.87")
Measuring point for case temperature TC
68
103 111.2 (3U) (4.38")
38.7 (1.52")
OK Inhibit i
Potentiometer (option D or V)
2/12.2000
www.power-one.com
4


▲Up To Search▲   

 
Price & Availability of 12H1601-2R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X